전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B63399-B1 데이터시트(PDF) 2 Page - EPCOS

부품명 B63399-B1
상세설명  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B63399-B1 데이터시트(HTML) 2 Page - EPCOS

  B63399-B1 Datasheet HTML 1Page - EPCOS B63399-B1 Datasheet HTML 2Page - EPCOS B63399-B1 Datasheet HTML 3Page - EPCOS B63399-B1 Datasheet HTML 4Page - EPCOS B63399-B1 Datasheet HTML 5Page - EPCOS B63399-B1 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
348 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,33
45
136
—
6 100
0,32
46
145
117
6 670
mm–1
mm
mm2
mm2
mm3
m
36
37
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T with threaded sleeve
N48
250
± 2 %
0,72
66
B65701-+250-G48
400
± 2 %
0,40
105
B65701-+400-A48
630
± 3 %
0,22
166
B65701-+630-A48
1000
± 3 %
0,12
263
B65701-+1000-A48
2000
± 5 %
0,05
525
B65701-D2000-J48
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-D with center hole
-W without center hole
N26
6200 + 30/– 20 % 1630
B65701-D-R26
N87
6400 + 30/– 20 % 1630 3800
< 2,5
(200 mT, 100 kHz, 100 °C)
B65701-W-R87
N30
11500 + 30/– 20 % 2930
B65701-W-R30
T38
28000 + 40/– 30 % 7130
B65701-W-Y38
FPK0155-U
20,9 0,9
_
ø5,4+0,2
ø13,5 _0,4
M3
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65701
Core
P 30
× 19



Html Pages

1 2 3 4 5 6