| 전자부품 데이터시트 검색엔진 |
|
XC6115D432 데이터시트(PDF) 9 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6115D432 데이터시트(HTML) 9 Page - Torex Semiconductor |
|
9 / 26 page ![]() 9/26 XC6101 ~ XC6107, XC6111~ XC6117 Series PARAMETER SYMBOL RATINGS UNITS VIN VSS -0.3 ~ 7.0 V MRB VSS -0.3 ~ VIN +0.3 V Input Voltage WD VSS -0.3 ~ 7.0 V Output Current IOUT 20 mA CMOS Output RESETB/RESET VSS -0.3 ~ VIN +0.3 Output Voltage N-ch Open Drain Output RESETB VSS -0.3 ~ 7.0 V SOT-25 250 Power Dissipation USP-6C Pd 100 mW Operational Temperature Range Topr -40 ~ +85 O C Storage Temperature Range Tstg -40 ~ +125 O C ■ ABSOLUTE MAXIMUM RATINGS Ta = 25OC |