전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST26VF032B-104V/MF 데이터시트(PDF) 39 Page - Microchip Technology

부품명 SST26VF032B-104V/MF
상세설명  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104V/MF 데이터시트(HTML) 39 Page - Microchip Technology

Back Button SST26VF032B-104V/MF Datasheet HTML 35Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 36Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 37Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 38Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 39Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 40Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 41Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 42Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 39
SST26VF032B/SST26VF032BA
5.37
Global Block Protection Unlock
(ULBPR)
The Global Block Protection Unlock (ULBPR) instruc-
tion clears all write protection bits in the Block Protec-
tion register, except for those bits that have been
locked down with the nVWLDR command. Execute
WREN before initiating the ULBPR instruction.
To execute a ULBPR instruction, the host drives CE#
low, then sends the ULBPR command cycle (98H), and
then drives CE# high.
FIGURE 5-44:
GLOBAL BLOCK PROTECTION UNLOCK (SQI)
FIGURE 5-45:
GLOBAL BLOCK PROTECTION UNLOCK (SPI)
Note:
C[1:0]=98H
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
98
SIO[3:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82