전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS28EC20 데이터시트(PDF) 13 Page - Analog Devices

부품명 DS28EC20
상세설명  20Kb 1-Wire EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

DS28EC20 데이터시트(HTML) 13 Page - Analog Devices

Back Button DS28EC20 Datasheet HTML 9Page - Analog Devices DS28EC20 Datasheet HTML 10Page - Analog Devices DS28EC20 Datasheet HTML 11Page - Analog Devices DS28EC20 Datasheet HTML 12Page - Analog Devices DS28EC20 Datasheet HTML 13Page - Analog Devices DS28EC20 Datasheet HTML 14Page - Analog Devices DS28EC20 Datasheet HTML 15Page - Analog Devices DS28EC20 Datasheet HTML 16Page - Analog Devices DS28EC20 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DS28EC20
Analog Devices, Inc.
13 of 28
Figure 7-1. Memory Function Flowchart
0Fh
Write Scratch-
pad?
Bus Controller TX EEPROM
Array Target Address
TA1 (T[7:0]), TA2 (T[15:8])
Y
N
To Figure 7,
2nd Part
From Figure 7,
2nd Part
Bus Controller TX Memory
Function Command
To ROM Functions
Flow Chart (Figure 9)
From ROM Functions
Flow Chart (Figure 9)
Controller
TX Reset?
Controller TX Data Byte
to Scratchpad Offset
N
Y
DS28EC20 sets Scratch-
pad Offset = (T[4:0]),
Clears PF, AA, BS
Scrpad. Offset
= 11111b?
DS28EC20 TX CRC16 of
Command, Address, Data
Bytes as they were sent by
the bus controller
DS28EC20
Increments
Scratchpad
Offset
Controller
TX Reset?
Y
N
Bus Controller
RX “1”s
N
Partial
Byte?
PF = 1
Y
N
Y
If the memory is
write-protected, the
DS28EC20 copies the data byte from
the target address into the scratchpad.
If the memory is in
EPROM mode, the
DS28EC20 stores the bitwise logical
AND of the transmitted byte and the
data byte from the targeted address
into the scratchpad.
DS28EC20 sets (E[4:0]) =
Scratchpad Offset
Note: The PF Flag is set upon power-
on reset. It is cleared only if a com-
plete 16-bit target address is trans-
mitted. Sending less than 16 bits for
the target address sets the PF flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28