전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIDO5200BBCZ 데이터시트(PDF) 14 Page - Analog Devices

부품명 FIDO5200BBCZ
상세설명  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

FIDO5200BBCZ 데이터시트(HTML) 14 Page - Analog Devices

Back Button FIDO5200BBCZ Datasheet HTML 10Page - Analog Devices FIDO5200BBCZ Datasheet HTML 11Page - Analog Devices FIDO5200BBCZ Datasheet HTML 12Page - Analog Devices FIDO5200BBCZ Datasheet HTML 13Page - Analog Devices FIDO5200BBCZ Datasheet HTML 14Page - Analog Devices FIDO5200BBCZ Datasheet HTML 15Page - Analog Devices FIDO5200BBCZ Datasheet HTML 16Page - Analog Devices FIDO5200BBCZ Datasheet HTML 17Page - Analog Devices FIDO5200BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
fido5100/fido5200
THEORY OF OPERATION
analog.com
Rev. G | 14 of 21
Table 12. Little Endian 16-Bit Data Bus Bit Map, 0x0E0F Hexadecimal—Bits[D31:D16]
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 13. Little Endian 16-Bit Data Bus Bit Map, 0x0E0F Hexadecimal—Bits[D15:D0]
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
0
Table 14. Little Endian 32-Bit Data Bus Bit Map, 0x0F0E0D0C Hexadecimal—Bits[D31:D16]
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
0
Table 15. Little Endian 32-Bit Data Bus Bit Map, 0x0F0E0D0C Hexadecimal—Bits[D15:D0]
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
0
1
0
0
0
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21