| 전자부품 데이터시트 검색엔진 |
|
CLM1B-RKB-AKB 데이터시트(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM1B-RKB-AKB 데이터시트(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM1B-RKB/AKB: PLCC2 1 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1558 REV 2 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red CLM1B-RKB-CUbVbBB3 560 1120 RB 619 RB 624 Red CLM1B-RKB-CVaVbBB3 710 1120 RB 619 RB 624 Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber CLM1B-AKB-CUbVb343 560 1120 A3 587 A4 593 Amber CLM1B-AKB-CVaVb343 710 1120 A3 587 A4 593 Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |