| 전자부품 데이터시트 검색엔진 |
|
CLM2D-GEC_BEC 데이터시트(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM2D-GEC_BEC 데이터시트(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM2D-GEC/BEC: PLCC4 GREEN & BLUE SMD LEDs © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1510 REV 2 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Min. Max. Color Bin Min.(nm) Color Bin Max.(nm) Green CLM2D-GEC-CYaA0793 2800 7100 G7 520 G9 535 Reel CLM2D-GEC-CYaA0893 2800 7100 G8 525 G9 535 Reel CLM2D-GEC-CYbA0793 3550 7100 G7 520 G9 535 Reel CLM2D-GEC-CYbA0893 3550 7100 G8 525 G9 535 Reel Blue CLM2D-BEC-CUbWa453 560 1400 B4 465 B5 475 Reel CLM2D-BEC-CVaWa453 710 1400 B4 465 B5 475 Reel Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |