전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX96751 데이터시트(PDF) 32 Page - Analog Devices

부품명 MAX96751
상세설명  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

MAX96751 데이터시트(HTML) 32 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 28Page - Analog Devices MAX96751 Datasheet HTML 29Page - Analog Devices MAX96751 Datasheet HTML 30Page - Analog Devices MAX96751 Datasheet HTML 31Page - Analog Devices MAX96751 Datasheet HTML 32Page - Analog Devices MAX96751 Datasheet HTML 33Page - Analog Devices MAX96751 Datasheet HTML 34Page - Analog Devices MAX96751 Datasheet HTML 35Page - Analog Devices MAX96751 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 289 page
background image
HACTIVE
HBLANK
VBLANK
2D VERTICAL
TOTAL LINE
2D HORIZONTAL TOTAL PIXEL
2D SINGLE VIEW
3D HORIZONTAL TOTAL PIXEL IS 2X THE 2D HORIZONTAL TOTAL PIXEL.
3D VERTICAL TOTAL LINE IS EQUAL TO 2D VERTICAL TOTAL LINE.
3D PIXEL CLOCK FREQUENCY IS 2 X 2D PIXEL CLOCK FREQUENCY.
NOTE:
NOTE: HFRONT, HBACK, AND HSYNC OF 3D VIDEO TIMING ARE 2X THAT
OF THE ORIGINAL 2D VIDEO TIMING.
2 X HACTIVE
2 X HBLANK
VBLANK
2D VERTICAL
TOTAL LINE
3D HORIZONTAL TOTAL PIXEL
3D DUAL VIEW
LEFT VIEW PIXELS
RIGHT VIEW PIXELS
Figure 13. Dual-View Column (Pixel) Interleaved HDMI Interface Format
Serializer Modes
The MAX96751 has two video pipes, video replication, and dual-view splitter technology that enable a single serializer to
support up to four displays as illustrated in Figure 14 through Figure 21. The user can configure each video pipeline to
be routed to either GMSL2 SIO output or to both outputs for replication and dual-view splitter applications.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More