| 전자부품 데이터시트 검색엔진 |
|
SRC4382IPFBT 데이터시트(PDF) 73 Page - Burr-Brown (TI) |
|
|
|
|||||||||||||||||||||||||||||
SRC4382IPFBT 데이터시트(HTML) 73 Page - Burr-Brown (TI) |
|
73 / 81 page ![]() www.ti.com SRC4382 SBFS030B – JANUARY 2006 – REVISED APRIL 2006 Table 6. DIR User Data Buffer Map (Register Page 1) ADDRESS BIT 0 (Hex) CHANNEL BYTE (MSB) BIT 1 BIT 2 BIT 3 BIT 4 BIT 5 BIT 6 BIT 7 40 1 0 D0 D1 D2 D3 D4 D5 D6 D7 41 2 0 D0 D1 D2 D3 D4 D5 D6 D7 42 1 1 D0 D1 D2 D3 D4 D5 D6 D7 43 2 1 D0 D1 D2 D3 D4 D5 D6 D7 44 1 2 D0 D1 D2 D3 D4 D5 D6 D7 45 2 2 D0 D1 D2 D3 D4 D5 D6 D7 46 1 3 D0 D1 D2 D3 D4 D5 D6 D7 47 2 3 D0 D1 D2 D3 D4 D5 D6 D7 48 1 4 D0 D1 D2 D3 D4 D5 D6 D7 49 2 4 D0 D1 D2 D3 D4 D5 D6 D7 4A 1 5 D0 D1 D2 D3 D4 D5 D6 D7 4B 2 5 D0 D1 D2 D3 D4 D5 D6 D7 4C 1 6 D0 D1 D2 D3 D4 D5 D6 D7 4D 2 6 D0 D1 D2 D3 D4 D5 D6 D7 4E 1 7 D0 D1 D2 D3 D4 D5 D6 D7 4F 2 7 D0 D1 D2 D3 D4 D5 D6 D7 50 1 8 D0 D1 D2 D3 D4 D5 D6 D7 51 2 8 D0 D1 D2 D3 D4 D5 D6 D7 52 1 9 D0 D1 D2 D3 D4 D5 D6 D7 53 2 9 D0 D1 D2 D3 D4 D5 D6 D7 54 1 10 D0 D1 D2 D3 D4 D5 D6 D7 55 2 10 D0 D1 D2 D3 D4 D5 D6 D7 56 1 11 D0 D1 D2 D3 D4 D5 D6 D7 57 2 11 D0 D1 D2 D3 D4 D5 D6 D7 58 1 12 D0 D1 D2 D3 D4 D5 D6 D7 59 2 12 D0 D1 D2 D3 D4 D5 D6 D7 5A 1 13 D0 D1 D2 D3 D4 D5 D6 D7 5B 2 13 D0 D1 D2 D3 D4 D5 D6 D7 5C 1 14 D0 D1 D2 D3 D4 D5 D6 D7 5D 2 14 D0 D1 D2 D3 D4 D5 D6 D7 5E 1 15 D0 D1 D2 D3 D4 D5 D6 D7 5F 2 15 D0 D1 D2 D3 D4 D5 D6 D7 60 1 16 D0 D1 D2 D3 D4 D5 D6 D7 61 2 16 D0 D1 D2 D3 D4 D5 D6 D7 62 1 17 D0 D1 D2 D3 D4 D5 D6 D7 63 2 17 D0 D1 D2 D3 D4 D5 D6 D7 64 1 18 D0 D1 D2 D3 D4 D5 D6 D7 65 2 18 D0 D1 D2 D3 D4 D5 D6 D7 66 1 19 D0 D1 D2 D3 D4 D5 D6 D7 67 2 19 D0 D1 D2 D3 D4 D5 D6 D7 68 1 20 D0 D1 D2 D3 D4 D5 D6 D7 69 2 20 D0 D1 D2 D3 D4 D5 D6 D7 6A 1 21 D0 D1 D2 D3 D4 D5 D6 D7 6B 2 21 D0 D1 D2 D3 D4 D5 D6 D7 6C 1 22 D0 D1 D2 D3 D4 D5 D6 D7 6D 2 22 D0 D1 D2 D3 D4 D5 D6 D7 6E 1 23 D0 D1 D2 D3 D4 D5 D6 D7 6F 2 23 D0 D1 D2 D3 D4 D5 D6 D7 73 Submit Documentation Feedback |