전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TO-252 데이터시트(PDF) 16 Page - AiT Semiconductor Inc.

부품명 TO-252
상세설명  100V, N-CHANNEL SGT MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

TO-252 데이터시트(HTML) 16 Page - AiT Semiconductor Inc.

Back Button TO-252 Datasheet HTML 11Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 12Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 13Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 14Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 15Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 16Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 17Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 18Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 19Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AiT Semiconductor Inc.
AM12NS10H
www.ait-ic.com
MOSFET
100V, N-CHANNEL SGT MOSFET
REV1.1
- JAN 2023 RELEASED, APR 2024 UPDATED -
- 16 -
Dimension in SOP8 Package (Unit: mm)
Symbol
Min
Max
A
1.350
1.750
A1
0.100
0.250
A2
1.350
1.550
b
0.330
0.510
c
0.170
0.250
D
4.700
5.100
E
3.800
4.000
E1
5.800
6.200
e
1.270(BSC)
L
0.400
1.270
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com