전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WSI10040L-R78M 데이터시트(PDF) 15 Page - AiT Semiconductor Inc.

부품명 WSI10040L-R78M
상세설명  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI10040L-R78M 데이터시트(HTML) 15 Page - AiT Semiconductor Inc.

Back Button WSI10040L-R78M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 12Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 13Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 14Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 15Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 16Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 17Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 15 -
●REEL DIMENSION: mm
SIZE / mm
REEL SIZE
A
B
C
D
QTY/REEL
04012
13" x 12 mm
330
100
13
12.5
2000 PCS
04012M
7" x 12 mm
178
60
13
12.5
3000 PCS
04015
13" x 12 mm
330
100
13
12.5
2000 PCS
04020
13" x 12 mm
330
100
13
12.5
2000 PCS
05030
13" x 16 mm
330
100
13
16.5
1500 PCS
06018E
13" x 16 mm
330
100
13
16.5
2000 PCS
06018W
13" x 16 mm
330
100
13
16.5
3000 PCS
06024
13" x 16 mm
330
100
13
16.5
1500 PCS
06030
13" x 16 mm
330
100
13
16.5
1000 PCS
06040
13" x 16 mm
330
100
13
16.5
1000 PCS
10040
13" x 24 mm
330
100
13
24.5
800 PCS
10050
13" x 24 mm
330
100
13
24.5
700 PCS
12050
13" x 24 mm
330
100
13
24.5
500 PCS
12065
13" x 24 mm
330
100
13
24.5
400 PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com