| 전자부품 데이터시트 검색엔진 |
|
SST85LD0256 데이터시트(PDF) 31 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST85LD0256 데이터시트(HTML) 31 Page - Silicon Storage Technology, Inc |
|
31 / 73 page ![]() Advance Information NANDrive SST85LD0128 / SST85LD0256 / SST85LD0512 ©2007 Silicon Storage Technology, Inc. S71319-03-000 2/07 31 12.2.1.6.30 Word 89: Time required for Security erase unit completion Word 89 specifies the time required for the Security Erase Unit command to complete. 12.2.1.6.31 Word 90: Time required for Enhanced security erase unit completion Word 90 specifies the time required for the Enhanced Security Erase Unit command to complete. 12.2.1.6.32 Word 91: Advanced power management level value Bit Function 7-0 Current Advanced Power Management level setting 12.2.1.6.33 Word 128: Security Status Bit Function 8 Security Level 1: Security mode is enabled and the security level is maximum 0: and security mode is enabled, indicates that the security level is high 5 Enhanced security erase unit feature supported 1: Enhanced security erase unit feature set is supported 4 Expire 1: Security count has expired and Security Unlock and Security Erase Unit are command aborted until a Power-on reset or hard reset 3Freeze 1: Security is frozen 2Lock 1: Security is locked 1 Enable/Disable 1: Security is enabled 0: Security is disabled 0 Capability 1: NANDrive supports security mode feature set 0: NANDrive does not support security mode feature set Value Time 0 Value not specified 1-254 (Value * 2) minutes 255 >508 minutes Value Time 0 Value not specified 1-254 (Value * 2) minutes 255 >508 minutes |