전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1174CS8-3.3 데이터시트(PDF) 13 Page - Linear Technology

부품명 LTC1174CS8-3.3
상세설명  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8-3.3 데이터시트(HTML) 13 Page - Linear Technology

Back Button LTC1174CS8-3.3 Datasheet HTML 9Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 10Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 11Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 12Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 13Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 14Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 15Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 16Page - Linear Technology LTC1174CS8-3.3 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
TYPICAL APPLICATIO S
High Efficiency 3.3V Regulator
6V to 5V Step-Down Regulator with Low-Battery Detection
1174 TA03
INPUT VOLTAGE
6V
3
LTC1174-5
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
L1
†
100
µH
VOUT
5V
365mA
47
µF**
16V
×2
D1
0.1
µF
*LOW-
BATTERY
INDICATOR
4.7k
162k
47.5k
*
**
D1
†
LOW-BATTERY INDICATOR
IS SET TO TRIP AT VIN = 5.5V
AVX TPSD476K016
= MBRS140T3 (SURFACE MOUNT)
1N5818
L1 SELECTION
MANUFACTURER
COILTRONICS
SUMIDA
GOWANDA
PART NO.
CTX100-4
CD75-101
GA10-103K
TYPE
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
+
47
µF**
16V
×2
+
1174 TA04
3
LTC1174-3.3
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
50
µH†
VOUT
3.3V
425mA
22
µF*
25V
×3
1N5818
0.1
µF
47
µF**
16V
×2
INPUT VOLTAGE
4V TO 12.5V
*
**
†
AVX TPSD226K025
AVX TPSD476K016
COILTRONICS CTX50-4
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com