전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WSBE8518 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 WSBE8518
상세설명  Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (Down to 15 μΩ)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSBE8518 데이터시트(HTML) 2 Page - Vishay Siliconix

  WSBE8518 Datasheet HTML 1Page - Vishay Siliconix WSBE8518 Datasheet HTML 2Page - Vishay Siliconix WSBE8518 Datasheet HTML 3Page - Vishay Siliconix WSBE8518 Datasheet HTML 4Page - Vishay Siliconix WSBE8518 Datasheet HTML 5Page - Vishay Siliconix WSBE8518 Datasheet HTML 6Page - Vishay Siliconix WSBE8518 Datasheet HTML 7Page - Vishay Siliconix WSBE8518 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WSBE Series
www.vishay.com
Vishay Dale
Revision: 06-May-2024
2
Document Number: 30424
For technical questions, contact: ww2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
WSBE8518L1000JTA2
WSBE8518L1000JTB2P
0.708 ± 0.008
(18 ± 0.2)
C
D
Calibration notch
0.00 to 0.160 deep
Ø 0.276 ± 0.005
(7 ± 0.13)
2.362 ± 0.012
(60 ± 0.30)
0.020 (0.5)
0.012 (0.3)
C
D
3.346 ± 0.016
(85 ± 0.4)
0.157 ± 0.016 x 45°
(4 ± 0.4)
0.079 ± 0.016 x 45°
(2 ± 0.4)
0.320 ref.
(8.13)
A
B
0.118 ± 0.002
(3 ± 0.05)
0.300 ± 0.008
(7.62 ± 0.20)
0.016 (0.4) CD
0.118 ± 0.002
(3 ± 0.05)
B
A
0.320 ref.
(8.13)
0.300 ± 0.008
(7.62 ± 0.20)
0.016 (0.4) C
D
2.362 ± 0.012
(60 ± 0.30)
0.020 (0.5)
0.012 (0.3)
C
D
Ø 0.276 ± 0.005
(7 ± 0.13)
0.708 ± 0.008
(18 ± 0.2)
Calibration notch
0.00 to 0.160 deep
C
D
3.346 ± 0.016
(85 ± 0.4)
0.460 ref.
(11.68)
0.157 ± 0.016 x 45°
(4 ± 0.4)
0.250 ref.
(6.35)
0.079 ± 0.016 x 45°
(2 ± 0.4)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com