| 전자부품 데이터시트 검색엔진 |
|
PLL602-30DC 데이터시트(PDF) 7 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL602-30DC 데이터시트(HTML) 7 Page - PhaseLink Corporation |
|
7 / 8 page ![]() PLL602-30 750kHz – 800MHz Low Phase Noise XO (for 12 – 25MHz Crystals) 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 7 PAD ASSIGNMENT Pad # Name X ( µm) Y ( µm) Description 1 GND 248 109 Ground. 2 GND 361 109 Ground. 3 GND 473 109 Ground. 4 GND 587 109 Ground. 5 GND 702 109 Ground. 6 N/C 874 109 No Connection. 7 GND 1042 109 Ground. 8 GNDBUF 1171 109 Ground, buffer circuitry. 9 OE_SELECT 1400 125 Used to select between PECL or CMOS logic states for OE. Internal pull up. 10 LVDS 1400 259 LVDS Output. 11 PECL 1400 476 PECL Output. 12 VDDBUF 1400 616 3.3V power supply, Buffer circuitry. 13 VDDBUF 1400 716 3.3V power supply, Buffer circuitry. 14 PECLB 1400 871 Complementary PECL Output. 15 LVDSB 1400 1089 Complementary LVDS Output. 16 CMOS 1400 1227 CMOS Output. 17 GNDBUF 1389 1365 Ground, buffer circuitry. 18 OUTSEL1 1232 1365 Used to select CMOS, PECL or LVDS output type. Internal pull up. 19 SEL1 1042 1365 Used to select multiplication factor. Internal pull up. 20 SEL0 854 1365 Used to select multiplication factor. Internal pull up. 21 VDD 659 1365 3.3V power supply. 22 VDD 559 1365 3.3V power supply. 23 VDD 459 1365 3.3V power supply. 24 VDD 358 1365 3.3V power supply. 25 OUTSEL0 194 1365 Used to select CMOS, PECL or LVDS output type. Internal pull up. 26 XIN 109 1223 Crystal input. See crystal specification page 3. 27 XOUT 109 1017 Crystal output. See crystal specification page 3. 28 SEL3 109 858 Used to select multiplication factor. Internal pull up. 29 SEL2 109 646 Used to select multiplication factor. Internal pull up. 30 OE_CTRL 109 397 Used to enable/disable the output(s). See Output Selection and Enable table on page 1. 31 NC 109 181 No Connect |