전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8171507 데이터시트(PDF) 2 Page - Festo Corporation.

부품명 8171507
상세설명  Positioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8171507 데이터시트(HTML) 2 Page - Festo Corporation.

  8171507 Datasheet HTML 1Page - Festo Corporation. 8171507 Datasheet HTML 2Page - Festo Corporation. 8171507 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Analog outputs, temperature coefficient
<0.02 %FS/K
Analog outputs, resolution
12 bit
Analog outputs, reverse polarity protection
yes
Analog outputs, short-circuit protection
yes
Analog outputs, overload protection
yes
Analog outputs, galvanic isolation
no
Input characteristics
As per IEC 61131-2, type 3
Switching input
PNP
NPN
Digital inputs, reverse polarity protection
yes
Digital inputs, electrical isolation
Yes, optocoupler
Digital outputs, reverse polarity protection
yes
Switching output
3 x PNP or 3 x NPN switchable
Digital outputs, output current
100 mA
Digital outputs, short circuit current rating
yes
Digital outputs, overload protection
yes
Digital outputs, potential separation
Yes, optocoupler
Electrical connection 1, function
3x digital output
Analog output
Analog input
Digital input
Power supply
Load power supply
Electrical connection 1, connection type
Terminal strip
Electrical connection 1, connection technology
Screw terminal
Electrical connection 1, number of pins/wires
13
Electrical connection 1, tightening torque
0.6 Nm
Electrical connection 1, conductor cross section
<1.5 mm²
Electrical connection 2, function
External path/angle sensor
Electrical connection 2, connection type
Terminal strip
Electrical connection 2, connection technology
Screw terminal
Electrical connection 2, number of pins/wires
3
Electrical connection 2, tightening torque
0.6 Nm
Electrical connection 2, conductor cross section
<1.5 mm²
Cable fitting
M12 x 1.5 for electrical connection 2
M20 x 1.5 for electrical connection 1
Approved cable diameter
3-6.5 mm for electrical connection 2
7-13 mm for electrical connection 1
Max. cable length
3 m for electrical connection 2
30 m for electrical connection 1
Ambient temperature
-5 °C ... 60 °C
Storage temperature
-20 °C ... 60 °C
Relative air humidity
5 - 95 %
Non-condensing
Degree of protection
IP65
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
as per EN 60068-2-29
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
as per EN 60068-2-6
Contamination level
3
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
7/21/24 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com