| 전자부품 데이터시트 검색엔진 |
|
PRT2S-C 데이터시트(PDF) 86 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PRT2S-C 데이터시트(HTML) 86 Page - PANDUIT CORP. |
|
86 / 192 page ![]() 86 Most commonly used parts appear in BOLD. !Used with PANDUIT ® HLM series Hook & Loop Cable Ties found on page 40. Part Number‡ Used With Cable Ties** Dimensions in. (mm) Material Color Where Used Adhesive Type/Static Load lbs. (g) Packaging* ABC Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. ABM2S-A-C M, I, S 1.00 (25.4) 1.00 (25.4) .16 (4.2) ABS White Indoors Rubber .50 (227) 100 500 500 5000 ABM2S-AT-C Indoors/ High Temp. Acr ylic .50 (227) 100 500 500 5000 ABM2S-AT-C0 Weather Resistant ABS Black Outdoors/ High Temp. 100 500 500 5000 ABM100-A-C .23 (5.8) Nylon 6.6 White Indoors Rubber .50 (227) 100 500 500 5000 ABM100-AT-C Acr ylic .50 (227) 100 500 500 5000 ABM100-AT-C0 Weather Resistant Nylon 6.6 Black Outdoors/ High Temp. 100 500 500 5000 ABM112-A-C 1.12 (28.6) 1.12 (28.6) .14 (4.1) Nylon 6.6 White Indoors Rubber .63 (286) 100 500 500 5000 ABM112-AT-C Indoors/ High Temp. Acr ylic .63 (286) 100 1000 500 5000 ABM112-AT-C0 Black Outdoors/ High Temp. 100 1000 500 5000 ABM3H-A-L M, I, S, HS, LH, H, HLM ! 1.50 (38.1) 1.50 (38.1) .25 (6.4) White Indoors Rubber 1.12 (513) 50 500 200 1000 ABM3H-AT-L Indoors High Temp. Acr ylic 1.12 (513) 50 500 200 1000 ABM4H-A-L 2.00 (50.8) 2.00 (50.8) Indoors Rubber 2.0 (907) 50 500 200 1000 ABM4H-AT-L Indoors/ High Temp. Acr ylic 2.0 (907) 50 500 200 1000 4-WAY MOUNTS WITHOUT ADHESIVE Part Number‡ Used With Cable Ties** Dimensions in. (mm) Material Color Where Used Adhesive Type/Static Load lbs. (g) Packaging* ABC Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. ABMM-D M, I .75 (19.1) .75 (19.1) .14 (3.6) ABS White Indoors User supplied adhesive — — 500 5000 ABM2S-S6-D M,I,S 1.00 (25.4) 1.00 (25.4) .16 (4.2) User supplied adhesive and/or (2) #6 (M3) Screws — — 500 5000 ABM100-S6-C .20 (5.1) Nylon 6.6 User supplied adhesive and/or #6 (M3) Screw 100 1000 500 5000 ABM100-S6-C69 Flame Retard. Nylon 6.6 Natural 100 1000 500 5000 ABM112-S6-C 1.12 (28.6) 1.12 (28.6) .14 (4.1) Nylon 6.6 White User supplied adhesive and/or (2) #6 (M3) Screws 100 1000 500 5000 ABM112-S6-C69 Flame Retard. Nylon 6.6 Natural Indoors 100 500 500 5000 ABM3H-S6-T M, I, S, HS, LH, H, HLM ! 1.50 (38.1) 1.50 (38.1) .21 (5.2) Nylon 6.6 White — — 200 1000 ABM4H-S6-T 2.00 (50.8) 2.00 (50.8) — — 200 1000 ABM2S ABM3H/ABM4H ABM100 ABM112 4-Way Adhesive Backed Mounts Adhesive Backed Cable Tie Mounts B A C B A C B A C B A *Order the number of mounts required in multiples of package quantities. ‡Part Numbers listed are for Standard Materials in Standard Package Quantity. For Bulk package part numbers, see page 137-138. **Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, HS= Heavy Standard, LH = Light-Heavy and H = Heavy. |