전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMIS-710404 데이터시트(PDF) 6 Page - AMI SEMICONDUCTOR

부품명 AMIS-710404
상세설명  400dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMI [AMI SEMICONDUCTOR]
홈페이지  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710404 데이터시트(HTML) 6 Page - AMI SEMICONDUCTOR

  AMIS-710404 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710404 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AMIS-710404-A8: 400dpi CIS Module
Data Sheet
9.0 Mechanical Structure of the Module
An isometric overview drawing of the AMIS-710404-A8 module’s housing is shown in Figure 4. These modules are supplied with plastic
end caps. However, for a more compact installation the end caps can be removed, provided that the modules are kept in the dark with
no external light leakage allowed inside the housing.
Figure 4: AMIS-710404-A8 Module Housing
Although the standard module comes with connector pins extruding to the sides as shown, a straight pinned socket can be installed into
the PCB with its pins extruding directly up from its mount PCB. However, this must be requested upon ordering of the modules,
otherwise the standard configuration will be shipped.
For module design-in, a detailed drawing is available upon request.
6
AMI Semiconductor – July 06, M-20592-001
www.amis.com



Html Pages

1 2 3 4 5 6 7