전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTDF400KK170G 데이터시트(PDF) 2 Page - Microsemi Corporation

부품명 APTDF400KK170G
상세설명  Dual Common Cathode diodes Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF400KK170G 데이터시트(HTML) 2 Page - Microsemi Corporation

  APTDF400KK170G Datasheet HTML 1Page - Microsemi Corporation APTDF400KK170G Datasheet HTML 2Page - Microsemi Corporation APTDF400KK170G Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTDF400KK170G
www.microsemi.com
2 - 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
2.2
2.5
VF
Diode Forward Voltage
IF = 400A
Tj = 125°C
2.1
V
Tj = 25°C
750
IRM
Maximum Reverse Leakage Current
VR = 1700V
Tj = 125°C
1000
µA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
572
trr
Reverse Recovery Time
Tj = 125°C
704
ns
Tj = 25°C
80
Qrr
Reverse Recovery Charge
Tj = 125°C
140
µC
Tj = 25°C
280
IRRM
Reverse Recovery Current
IF = 400A
VR = 900V
di/dt = 4000A/µs
Tj = 125°C
400
A
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal Resistance
0.095 °C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
3500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
SP6 Package outline (dimensions in mm)



Html Pages

1 2 3