| 전자부품 데이터시트 검색엔진 |
|
PL75MCS-201 데이터시트(PDF) 41 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75MCS-201 데이터시트(HTML) 41 Page - Emerson Network Power |
|
41 / 100 page ![]() 39 Ø.50 1.06 ±.03 .437 HEX .437 HEX .375-32-2A TYP .371 .662 1.290 .312 WRENCH FLATS AD133 BNC MALE TO F TYPE FEMALE ADAPTER F Type Jack AD1300 75 OHM Coaxial Female BNC to Male F Type Adapter BNC Plug AD1300 BNC to F Type Adapter Coax Connectors / Coax F Type Connectors 130 Series Type F Adapter AD131 Between Series Coaxial Female BNC to Male F Type Adapter 75Ω............................................... AD1300 “D” mounting holes are on page 54. .304 .375-32UNEF-2A .650 1.000 .250 BOARD THICKNESS Ø.400 Ø.045 .316 .312 .384 .380 RECOMMENDED CUT-OUT PART NO BOARD THICKNESS CBJE130-1 .060 - .064 CBJE130-2 .028 - .033 CBJE130-3 .090 - .094 Circuit Board Edge Mount F Type Style Female Jack CBJE130-1, -2, or -3 Note: This circuit board jack meets SCTE IPS-SP-401 and has a Return Loss of <-221B at 2 GHz. |