| 전자부품 데이터시트 검색엔진 |
|
PL155ACFL-201 데이터시트(PDF) 10 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL155ACFL-201 데이터시트(HTML) 10 Page - Emerson Network Power |
|
10 / 100 page ![]() 8 Add “A” for tall versions example: CBBJR74A “D” mounting holes see page 54. 1.000 .425 .013 .156 .100 .500 DIA .150 TYP .0625 DIA 2 PLACES .300 .0700 DIA 4 PLACES .100 .300 1.216 1.042 .718 .050 .380 DIA .500-28UNEF-2A .562 HEX NUT .124 .100 .030 TYP A .13 TYP .258 TYP D TYP C TYP .258 TYP E DIA TYP .258 .050 .100 .0625 DIA B MODEL LTR A B C D E NO. CODE DIM DIM DIM DIM DIM CBBJR79 - .24 .565 .050 .090 .0625 CBBJR79A A .34 .665 .058 .090 .070 FOR MODEL # 305-0789 DIA = .0410 * .400 TYP .0935 DIA 4 PLACES .200 .100 .200 .0625 DIA, 2 PLACES 1.388 .557 .425 .156 TYP .013 .100 .128 .562 HEX NUT .380 DIA .109 MAXIMUM PANEL THICKNESS 1.324 1.153 .785 .090 .380 DIA .625-24UNEF-2A .750 HEX NUT .124 .100 .030 TYP A .13 TYP .258 TYP .090 TYP C TYP .258 TYP D DIA TYP .258 .050 .100 .0625 DIA B MODEL LTR A B C D NO. CODE DIM DIM DIM DIM CBBJR74 - .345 .778 .050 .0625 CBBJR74A A .445 .878 .058 .070 MAX PANEL THICKNESS .140 .750 HEX NUT 1.388 .200 .0625 DIA, 2 PLACES .200 .100 .400 TYP .0935 DIA 4 PLACES .380 DIA .625-24UNEF-2A .090 .557 .156 .013 .100 .425 1.216 1.042 .380 TYP A .030 TYP .13 TYP B TYP .100 C TYP .258 TYP .0625 DIA D DIA TYP .050 .100 .258 .258 MODEL LTR A B C D NO. CODE DIM DIM DIM DIM CBJR70 - .24 .050 .090 .0625 CBJR70A A .34 .058 .090 .070 CBBJR79 Shown Mounting Hole: D3.125 CBBJR74 Shown Mounting Hole: D2.140 Twinax/Triax Connectors / Miniature Circuit Board Jacks 70/370 Series Twinax/Triax TRB Concentric Circuit Board Jack 3–Lug.............................................. CBJ70 2–Lug.............................................. CBJ70TL 4–Lug.............................................. CBJ70FL (TRT) Threaded................................ CBJ370 CBJ70 Shown Twinax/Triax TRB Non-Insulated Bulkhead Jack Concentric Female 3-Lug Bulkhead Mount 3–Lug.......................................... CBBJ79 2–Lug.......................................... CBBJ79TL 4–Lug.......................................... CBBJ79FL Threaded..................................... CBBJ379 CBBJ79 Shown Mounting Hole: D3.109 Twinax/Triax TRB Right Angle Concentric Circuit Board Jack 3–Lug.............................................. CBJR70, CBJR70A Twinax/Triax TRB Insulated Bulkhead Jack Concentric Female 3-Lug, Bulkhead Mount 3–Lug.............................................. CBBJ74 Mounting Hole: D2.109 Right Angle Circuit Board Bulkhead Jack Standard Version 3–Lug.............................................. CBBJR79 2–Lug.............................................. CBBJR79TL 4–Lug.............................................. CBBJR79FL Threaded......................................... CBBJR379 Right Angle Insulated Circuit Board Bulkhead Jack Insulated Version 3–Lug.............................................. CBBJR74 2–Lug.............................................. CBBJR74TL 4–Lug.............................................. CBBJR74FL Threaded......................................... CBBJR374 |