전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

86307 데이터시트(PDF) 1 Page - Alpha Wire

부품명 86307
상세설명  22 (19/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPHAWIRE [Alpha Wire]
홈페이지  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

86307 데이터시트(HTML) 1 Page - Alpha Wire

  86307 Datasheet HTML 1Page - Alpha Wire 86307 Datasheet HTML 2Page - Alpha Wire 86307 Datasheet HTML 3Page - Alpha Wire 86307 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 86307
Construction
 
Diameters (In)
1) Component 1
7 X 1 COND
 
a) Conductor
22 (19/34) AWG Tinned Copper
0.032
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.052
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
4
GREEN
7
BROWN
2
RED
5
ORANGE
 
3
WHITE
6
BLUE
 
2) Cable Assembly
7 Components Cabled
 
a) Twists:
6.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Jacket
0.040" Wall, Nom.,PVC
0.260+/- 0.013
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 86307 7C 22 AWG
XTRAGUARD(R) CONTINUOUS FLEX DATA CABLE
(UL) TYPE PLTC 105C OR TYPE CM 105C SUN RES OR
C(UL) CMG OR AWM 2661 105C 300V --- LLXXXXXX
CSA AWM I/II A/B FT4 105C 300V CE
ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


유사한 부품 번호 - 86307

제조업체부품명데이터시트상세설명
logo
Filtran LTD
8630 FILTRAN-8630 Datasheet
187Kb / 1P
T3/DS3/E3/STS-1 Dual Input Transformers
logo
List of Unclassifed Man...
8630 ETC2-8630 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
Amphenol Communications...
863001017TLF AMPHENOLCS-863001017TLF Datasheet
2Mb / 23P
D-Subminiature (D-Sub) Accessories
863001018TLF AMPHENOLCS-863001018TLF Datasheet
2Mb / 23P
D-Subminiature (D-Sub) Accessories
863001019TLF AMPHENOLCS-863001019TLF Datasheet
2Mb / 23P
D-Subminiature (D-Sub) Accessories
More results

유사한 설명 - 86307

제조업체부품명데이터시트상세설명
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com