전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9082BBPZ-2D2AC 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD9082BBPZ-2D2AC
상세설명  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9082BBPZ-2D2AC 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD9082BBPZ-2D2AC Datasheet HTML 9Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 10Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 11Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 12Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 13Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 14Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 15Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 16Page - Analog Devices AD9082BBPZ-2D2AC Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD9082
Rev. C | Page 13 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SINGLE SIDEBAND PHASE NOISE OFFSET (PLL ENABLED)
Loop filter component values include
C1 = 22 nF, R1 = 226 Ω, C2 = 2.2 nF,
C3 = 33 nF, and phase detector
frequency (PFD) = 500 MHz1
fOUT = 1.8 GHz, fDAC = 12 GSPS, fCLKIN = 0.5 GHz
1 kHz
−106
dBc/Hz
10 kHz
−113
dBc/Hz
100 kHz
−120
dBc/Hz
600 kHz
−127
dBc/Hz
1.2 MHz
−134
dBc/Hz
1.8 MHz
−138
dBc/Hz
6 MHz
−150
dBc/Hz
1 Refer to the UG-1578 user guide for details on the loop filter components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com