전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA3604Q 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA3604Q
상세설명  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604Q 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA3604Q Datasheet HTML 1Page - NXP Semiconductors TDA3604Q Datasheet HTML 2Page - NXP Semiconductors TDA3604Q Datasheet HTML 3Page - NXP Semiconductors TDA3604Q Datasheet HTML 4Page - NXP Semiconductors TDA3604Q Datasheet HTML 5Page - NXP Semiconductors TDA3604Q Datasheet HTML 6Page - NXP Semiconductors TDA3604Q Datasheet HTML 7Page - NXP Semiconductors TDA3604Q Datasheet HTML 8Page - NXP Semiconductors TDA3604Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Aug 21
5
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
PINNING
SYMBOL
PIN
DESCRIPTION
SOT141-6
SOT418-2
n.c.
1
1, 2, 6, 9, 13, 18, 19 and 20 not connected
VI(sw)
2
3
power switch input
VP
3
4
supply voltage
REG1
4
5
regulator 1 output
RES
5
7
reset output (+5 V)
Ven(REG1)
6
8
regulator 1 enable input
Ven(sw)
7
10
power switch enable input
VO(ig)
8
11
ignition output
CRES
9
12
reset delay capacitor
GND
10
14
ground (0 V)
REG2
11
15
regulator 2 output
VI(ig)
12
16
ignition input
VO(sw)
13
17
power switch output
Fig.2 Pin configuration SOT141-6.
handbook, halfpage
TDA3604Q
MBE236
1
2
3
4
5
6
7
8
9
10
11
12
13
n.c.
l(sw)
V
REG1
REG2
RES
RES
GND
C
en(REG1)
V
en(sw)
V
O(ig)
V
I(ig)
V
O(sw)
V
P
V
Fig.3 Pin configuration SOT418-2.
handbook, halfpage
n.c.
n.c.
n.c.
VO(sw)
VI(ig)
REG2
GND
n.c.
CRES
VO(ig)
n.c.
n.c.
VI(sw)
VP
n.c.
RES
REG1
Ven(REG1)
n.c.
Ven(sw)
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA3604TH
MGK596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com