전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPP6506 데이터시트(PDF) 2 Page - SYNC POWER Crop.

부품명 SPP6506
상세설명  Dual P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNC-POWER [SYNC POWER Crop.]
홈페이지  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP6506 데이터시트(HTML) 2 Page - SYNC POWER Crop.

  SPP6506 Datasheet HTML 1Page - SYNC POWER Crop. SPP6506 Datasheet HTML 2Page - SYNC POWER Crop. SPP6506 Datasheet HTML 3Page - SYNC POWER Crop. SPP6506 Datasheet HTML 4Page - SYNC POWER Crop. SPP6506 Datasheet HTML 5Page - SYNC POWER Crop. SPP6506 Datasheet HTML 6Page - SYNC POWER Crop. SPP6506 Datasheet HTML 7Page - SYNC POWER Crop. SPP6506 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2006/08/12
Ver.2
Page 2
SPP6506
Dual P-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
G1
Gate 1
2
S2
Source 2
3
G2
Gate 2
4
D2
Drain 2
5
S1
Source 1
6
D1
Drain1
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPP6506S26RG
SOT-23- 6L
06YW
Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 )
SPP6506S26RG : Tape Reel ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-30
V
Gate –Source Voltage
VGSS
±20
V
TA=25℃
-2.8
Continuous Drain Current(TJ=150 )
TA=70℃
ID
-2.1
A
Pulsed Drain Current
IDM
-8
A
Continuous Source Current(Diode Conduction)
IS
-1.4
A
TA=25℃
1.15
Power Dissipation
TA=70℃
PD
0.75
W
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150
T ≤ 10sec
52
Thermal Resistance-Junction to Ambient
Steady State
RθJA
90
/W



Html Pages

1 2 3 4 5 6 7 8