전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A1696PKHTN-FNLPTYCD 데이터시트(PDF) 3 Page - Allegro MicroSystems

부품명 A1696PKHTN-FNLPTYCD
상세설명  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTYCD 데이터시트(HTML) 3 Page - Allegro MicroSystems

  A1696PKHTN-FNLPTYCD Datasheet HTML 1Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 2Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 3Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 4Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 5Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Position Sensor IC with Speed and Direction Output
A1696PKH
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Pinout Diagram
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating Section
27
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Supply Current
IRCC
50
mA
Reverse Output Voltage
VROUT
RPU ≥ 1 kΩ
–0.5
V
Output Sink Current
IOUTSINK
Internal current limiting
25
mA
Operating Ambient Temperature
TA
Range P
–40 to 160
°C
Maximum Junction Temperature
TJ(max)
175
°C
Storage Temperature
Tstg
–65 to 170
°C
Terminal List
Number
Name
Function
1
VCC
Supply voltage
2
GND
Ground
3
OUT
Device output
Symbol
Characteristic
Rating
Unit
CSUPPLY
Nominal Capacitance
220000
pF
COUT
Nominal Capacitance
1800
pF
RSUPPLY
Nominal Resistance
33
Ω
ROUT
Nominal Resistance
20
Ω
INTERNAL DISCRETE COMPONENT RATINGS
V
S
V
PU
R
PU
1
VCC
3
OUT
2 GND
C
OUT
C
SUPPLY
A1696PKH
Sensor IC
Output
R
OUT
R
SUPPLY
Figure 2: Minimum Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com