전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U554 데이터시트(PDF) 1 Page - InterFET Corporation

부품명 U554
상세설명  Current Regulator Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERFET [InterFET Corporation]
홈페이지  http://www.interfet.com
Logo INTERFET - InterFET Corporation

U554 데이터시트(HTML) 1 Page - InterFET Corporation

  U554 Datasheet HTML 1Page - InterFET Corporation U554 Datasheet HTML 2Page - InterFET Corporation U554 Datasheet HTML 3Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
IF35328.R00
U553-4-5
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
U553, U554, U555 Current Regulator Diode
Features
• InterFET N0016H Geometry
• Low Noise: 5 nV/√Hz Typical
• Low Capacitance: 2pF Typical
• RoHS Compliant
• SMT, TH, and Bare Die Package options.
Applications
• Current Regulation
• Current Limiting
• Biasing
Description
The 50V InterFET U553, U554, and U555 JFET’s
are targeted for current regulation and limiting
applications. The TO-18 package is hermetically
sealed and suitable for military applications.
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
U553; U554; U555
Through-Hole
TO-92-2L
Bulk
SMPU553; SMPU554; SMPU555
Surface Mount
SOT23
Bulk
SMPU553TR; SMPU554TR; SMPU555TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
U553COT; U554COT; U555COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
U553CFT; U554CFT; U555CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
Product Summary
Parameters
U553 Min
U554 Min
U555 Min
Unit
VOP
Peak Operating Voltage
50
50
50
V
IF
Regulator Current
0.18
0.6
1.4
mA
VL
Limiting Voltage
0.75 (typ)
0.55 (typ)
0.75 (typ)
V
TO-18 Bottom View
3
2
1
Anode
Cathode
N/C


유사한 부품 번호 - U554

제조업체부품명데이터시트상세설명
logo
Turck, Inc.
U5515-11 TURCK-U5515-11 Datasheet
871Kb / 2P
Actuator and Sensor Receptacle – Front Mount
06/07/2023
U5515-12 TURCK-U5515-12 Datasheet
866Kb / 2P
Actuator and Sensor Receptacle – Front Mount
06/07/2023
logo
InterFET Corporation
U553 INTERFET-U553 Datasheet
482Kb / 3P
Current Regulator Diode
June, 2019
U555 INTERFET-U555 Datasheet
482Kb / 3P
Current Regulator Diode
June, 2019
U556 INTERFET-U556 Datasheet
480Kb / 3P
Current Regulator Diode
June, 2019
More results

유사한 설명 - U554

제조업체부품명데이터시트상세설명
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
J506_TO-92 MICROSS-J506_TO-92 Datasheet
531Kb / 1P
Current Regulator Diode
J510_TO-92 MICROSS-J510_TO-92 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_SOT-23 MICROSS-LSJ501_SOT-23 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ503_TO-92 MICROSS-LSJ503_TO-92 Datasheet
535Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
Current Regulator Diode
SST506_SOT-23 MICROSS-SST506_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com