전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U556 데이터시트(PDF) 2 Page - InterFET Corporation

부품명 U556
상세설명  Current Regulator Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERFET [InterFET Corporation]
홈페이지  http://www.interfet.com
Logo INTERFET - InterFET Corporation

U556 데이터시트(HTML) 2 Page - InterFET Corporation

  U556 Datasheet HTML 1Page - InterFET Corporation U556 Datasheet HTML 2Page - InterFET Corporation U556 Datasheet HTML 3Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
www.InterFET.com
U556-7
Document Number: IF35329.R00
InterFET Corporation
June, 2019
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
U556-7
Electrical Characteristics
Static Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
U556
U557
Unit
Min
Typ
Max
Min
Typ
Max
IF
Regulator Current
VF = 25V
2.4
3
3.8
3.6
4.5
5.3
mA
VL
Limiting Voltage
IF = 0.9 IF(MIN)
0.75
2.6
1.5
3
V
VOP
Peak Operating
Voltage
IF = 1.1 IF(MAX)
50
50
V
Maximum Ratings (@ T
A
= 25°C, Unless otherwise specified)
Parameters
Value
Unit
VOP
Peak Operating Voltage
50
V
IFG
Continuous Forward Gate Current
50
mA
PD
Continuous Device Power Dissipation
360
mW
P
Power Derating
2.88
mW/°C
TJ
Operating Junction Temperature
-55 to 135
°C
TSTG Storage Temperature
-55 to 135
°C
Dynamic Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
U556
U557
Unit
Min
Typ
Max
Min
Typ
Max
ZD
Dynamic Impedance
VF = 25V, f = 1kHz
1.0
0.6
MΩ
ZK
Knee Impedance
VF = 6V, f = 1kHz
0.09
0.06
MΩ



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com