전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LX1972AIBC 데이터시트(PDF) 4 Page - Microsemi Corporation

부품명 LX1972AIBC
상세설명  Ambient Light Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972AIBC 데이터시트(HTML) 4 Page - Microsemi Corporation

  LX1972AIBC Datasheet HTML 1Page - Microsemi Corporation LX1972AIBC Datasheet HTML 2Page - Microsemi Corporation LX1972AIBC Datasheet HTML 3Page - Microsemi Corporation LX1972AIBC Datasheet HTML 4Page - Microsemi Corporation LX1972AIBC Datasheet HTML 5Page - Microsemi Corporation LX1972AIBC Datasheet HTML 6Page - Microsemi Corporation LX1972AIBC Datasheet HTML 7Page - Microsemi Corporation LX1972AIBC Datasheet HTML 8Page - Microsemi Corporation LX1972AIBC Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LX1972A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Ambient Light Detector
Copyright
© 2005
Rev. 1.0, 2006-09-18
TM
®
ELECTRICAL CHA RACTERISTICS
The following specifications apply over the operating ambient temperature -40
°C
≤ T
A ≤ 85°C except where otherwise noted and with
the following test conditions: See Note 1, VDD =5V, Rload = 5K
LX1972A
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RESPONSE
Peak Spectral Response
λPR
580
nm
Infrared Response
)
(
I
)
(
I
PR
DD
DD
λ
λ
EV(white) = 1000 Lux, EV(810nm) = 146µW/cm²,
Note 3
-5
1
5
%
EV = 100 Lux
1.4
2
EV = 1000 Lux
2.2
2.7
Minimum Operational Voltage
VDD-VSS
EV = 2000 Lux
2.8
3
V
EV = 10 Lux, Note 2
1.8
2.4
3
EV = 100 Lux, Note 2
18
24
30
EV = 1000 Lux, Note 2
176
235
294
Light Current
ISS
EV = 2000 Lux, Note 2;
353
470
587
μA
Gain Linearity
10 Lux ≤ EV ≤ 1000 Lux
-15
15
%
EV = 0 Lux, TA = 25°C
2
50
Dark Current
IDD(DARK)
EV = 0 Lux
200
nA
Power Supply Rejection Ratio
PSRR
VRIPPLE = 10mVP-P, f = 10kHz
-25
dB
Radiant Sensitive Area
0.04
mm
2
Notes:
1.
The input irradiance (EV) is supplied from a white light-emitting diode (LED) optical source.
2.
See Figure 1.
3.
See Figure 2.
TE ST CI RCUIT S
Part
LX1972A
VSS
VDD
White
LED
5K
Figure 1 –
Operational Voltage Measurement Circuit
Part
LX1972A
VSS
VDD
White
LED
810nm
5K
Figure 2 –
IR Sensitivity Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com