| 전자부품 데이터시트 검색엔진 |
|
M45PE10-VMP6TP 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M45PE10-VMP6TP 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 45 page ![]() Operating features M45PE10 14/45 4.7 Status Register The Status Register contains two status bits that can be read by the Read Status Register (RDSR) instruction. See Section 6.4: Read Status Register (RDSR) for a detailed description of the Status Register bits. 4.8 Protection modes The environments where non-volatile memory devices are used can be very noisy. No SPI device can operate correctly in the presence of excessive noise. To help combat this, the M45PE10 features the following data protection mechanisms: ● Power On Reset and an internal timer (tPUW) can provide protection against inadvertent changes while the power supply is outside the operating specification. ● Program, Erase and Write instructions are checked that they consist of a number of clock pulses that is a multiple of eight, before they are accepted for execution. ● All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state by the following events: –Power-up – Reset (RESET) driven Low – Write Disable (WRDI) instruction completion – Page Write (PW) instruction completion – Page Program (PP) instruction completion – Page Erase (PE) instruction completion – Sector Erase (SE) instruction completion ● The Hardware Protected mode is entered when Write Protect (W) is driven Low, causing the first 256 pages of memory to become read-only. When Write Protect (W) is driven High, the first 256 pages of memory behave like the other pages of memory ● The Reset (Reset) signal can be driven Low to protect the contents of the memory during any critical time, not just during Power-up and Power-down. ● In addition to the low power consumption feature, the Deep Power-down mode offers extra software protection from inadvertent Write, Program and Erase instructions while the device is not in active use. |