전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STG3699AUTR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STG3699AUTR
상세설명  LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699AUTR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STG3699AUTR Datasheet HTML 5Page - STMicroelectronics STG3699AUTR Datasheet HTML 6Page - STMicroelectronics STG3699AUTR Datasheet HTML 7Page - STMicroelectronics STG3699AUTR Datasheet HTML 8Page - STMicroelectronics STG3699AUTR Datasheet HTML 9Page - STMicroelectronics STG3699AUTR Datasheet HTML 10Page - STMicroelectronics STG3699AUTR Datasheet HTML 11Page - STMicroelectronics STG3699AUTR Datasheet HTML 12Page - STMicroelectronics STG3699AUTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STG3699A
9/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.02
0.05
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
2.40
2.50
2.60
0.094
0.098
0.102
E
2.40
2.50
2.60
0.094
0.098
0.102
e
0.40
0.016
L
0.35
0.40
0.45
0.014
0.016
0.018
QFN16 (2.5x2.5) MECHANICAL DATA
7815712A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14