| 전자부품 데이터시트 검색엔진 |
|
STM6315MDW13F 데이터시트(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6315MDW13F 데이터시트(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() STM6315 DC and AC parameters 13/21 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics Tables that follow are derived from tests performed under the measurement conditions summarized in Table 3: Operating and AC measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 13. AC testing input/output waveforms Table 3. Operating and AC measurement conditions Parameter STM6315 Unit VCC Supply Voltage 1.0 to 5.5 V Ambient Operating Temperature (TA) –40 to +125 °C Input Rise and Fall Times ~5 ns Input Pulse Voltages 0.2 to 0.8VCC V Input and Output Timing Reference Voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC |