전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

18F2420 데이터시트(PDF) 8 Page - Microchip Technology

부품명 18F2420
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F2420 데이터시트(HTML) 8 Page - Microchip Technology

Back Button 18F2420 Datasheet HTML 4Page - Microchip Technology 18F2420 Datasheet HTML 5Page - Microchip Technology 18F2420 Datasheet HTML 6Page - Microchip Technology 18F2420 Datasheet HTML 7Page - Microchip Technology 18F2420 Datasheet HTML 8Page - Microchip Technology 18F2420 Datasheet HTML 9Page - Microchip Technology 18F2420 Datasheet HTML 10Page - Microchip Technology 18F2420 Datasheet HTML 11Page - Microchip Technology 18F2420 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PIC18F2420/2520/4420/4520
DS80209D-page 8
© 2005 Microchip Technology Inc.
2. C Language Programming: The exact work
around depends on the compiler in use. Please
refer to your C compiler documentation for
details.
If using the Microchip MPLAB® C18 C Compiler,
define both high and low priority interrupt han-
dler functions as “low priority” by using the
pragma interruptlow
directive.
This
directive instructs the compiler to not use the
RETFIE
FAST
instruction. If the proper high
priority interrupt bit is set in the IPRx register,
then the interrupt is treated as high priority in
spite of the pragma interruptlow directive.
The code segment shown in Example 3
demonstrates the work around using the C18
compiler:
EXAMPLE 3:
Date Codes that pertain to this issue:
All engineering and production devices.
#pragma interruptlow MyLowISR
void MyLowISR(void)
{
// Handle low priority interrupts.
}
// Although MyHighISR is a high priority interrupt, use interruptlow pragma so that
// the compiler will not use retfie FAST.
#pragma interruptlow MyHighISR
void MyHighISR(void)
{
// Handle high priority interrupts.
}
#pragma code highVector=0x08
void HighVector (void)
{
_asm goto MyHighISR _endasm
}
#pragma code /* return to default code section */
#pragma code lowVector=0x18
void LowVector (void)
{
_asm goto MyLowISR _endasm
}
#pragma code /* return to default code section */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16