전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EV-RPG2-ECZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 EV-RPG2-ECZ
상세설명  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ECZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button EV-RPG2-ECZ Datasheet HTML 5Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 6Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 7Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 8Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 9Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 10Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 11Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 12Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. D | 9 of 21
Figure 6. Ball Configuration
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Direction
Description
A2, A14, A15, B1, B14, B16,
C1, C2, C14, C15, E1, E2,
E15, F2, F15, H3, J3, K3, L3,
L16, M3, M16, M17, N3, P15,
R5, R6, R9, R12, R13, T17,
U9
NC
Not applicable
No Connect.
A3, A13, A16, B3, B13, C3,
C7, C8, C10, D1, D2, D3, D4,
D5, D14, D15, E3, E4, F1,
G7, G8, G9, G10, G11, G15,
G16, G17, H1, H2, H7, H8,
H9, H10, H11, H15, J7, J8,
J9, J10, J11, J15, K1, K2, K7,
K8, K9, K10, K11, K15, K16,
K17, L7, L8, L9, L10, L11, L15,
GND
Not applicable
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21