전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN2299BBCZ 데이터시트(PDF) 17 Page - Analog Devices

부품명 ADIN2299BBCZ
상세설명  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN2299BBCZ 데이터시트(HTML) 17 Page - Analog Devices

Back Button ADIN2299BBCZ Datasheet HTML 13Page - Analog Devices ADIN2299BBCZ Datasheet HTML 14Page - Analog Devices ADIN2299BBCZ Datasheet HTML 15Page - Analog Devices ADIN2299BBCZ Datasheet HTML 16Page - Analog Devices ADIN2299BBCZ Datasheet HTML 17Page - Analog Devices ADIN2299BBCZ Datasheet HTML 18Page - Analog Devices ADIN2299BBCZ Datasheet HTML 19Page - Analog Devices ADIN2299BBCZ Datasheet HTML 20Page - Analog Devices ADIN2299BBCZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADIN2299
THEORY OF OPERATION
analog.com
Rev. D | 17 of 21
Figure 14. Indirect Connection
Table 15. Ethernet Applications Interface Signals
Mnemonic
Direction
Description
ETH0_REFCLK
Input
EMAC0 Reference Clock. Externally supplied Ethernet clock.
ETH0_CRS
Input
EMAC0 Carrier Sense. Multiplexed on alternate clock cycles.
Input
CRS: asserted by the PHY when either the transmit or receive medium is not idle. Deasserted when both are idle.
Input
RXDV: asserted by the PHY when the data on RXD0 is valid.
ETH0_RXD0
Input
EMAC0 Receive Data 0. Receive data bus.
ETH0_RXD1
Input
EMAC0 Receive Data 1. Receive data bus.
ETH0_TXEN
Input and output
EMAC0 Transmit Enable. When asserted, ETH0_TXEN indicates that the data on TXD0 is valid.
ETH0_TXD0
Output
EMAC0 Transmit Data 0. Transmit data bus.
ETH0_TXD1
Output
EMAC0 Transmit Data 1. Transmit data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21