전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF557 데이터시트(PDF) 4 Page - Advanced Power Technology

부품명 MRF557
상세설명  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADPOW [Advanced Power Technology]
홈페이지  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF557 데이터시트(HTML) 4 Page - Advanced Power Technology

  MRF557 Datasheet HTML 1Page - Advanced Power Technology MRF557 Datasheet HTML 2Page - Advanced Power Technology MRF557 Datasheet HTML 3Page - Advanced Power Technology MRF557 Datasheet HTML 4Page - Advanced Power Technology MRF557 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MRF557
MRF557G
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A 9/2005
RF (Low Power PA / General Purpose) Selection Guide
MACRO X
MRF559
NPN 870
0.5
6.5
70
7.5
16
150
MACRO X
MRF559
NPN 870
0.5
9.5
65 12.5 16
150
SO-8
MRF8372,R1,R2 NPN 870 0.75
8
55 12.5 16
200
POWER MACRO
MRF557
NPN 870
1.5
8
55 12.5 16
400
POWER MACRO
MRF557T
NPN 870
1.5
8
55 12.5 16
400
MACRO X
MRF559
NPN 512
0.5
10
65
7.5
16
150
MACRO X
MRF559
NPN 512
0.5
13
60 12.5 16
150
TO-39
2N3866A
NPN 400
1
10
45
28
30
400
SO-8
MRF3866, R1, R2 NPN 400
1
10
45
28
30
400
POWER MACRO
MRF555
NPN 470
1.5
11
50 12.5 16
400
POWER MACRO
MRF555T
NPN 470
1.5
11
50 12.5 16
400
SO-8
MRF4427, R2
NPN 175
0.15
18
60
12
20
400
TO-39
2N4427
NPN 175
1
10
50
12
20
400
POWER MACRO
MRF553
NPN 175
1.5
11.5
60
12.5
16
500
POWER MACRO
MRF553T
NPN 175
1.5
11.5
50
12.5
16
500
TO-39
MRF607
NPN 175
1.75
11.5
50
12.5
16
330
TO-39
2N6255
NPN 175
3
7.8
50
12.5
18 1000
TO-72
2N5179
NPN 200
20
6
12
50
TO-39
2N5109
NPN 200
3
10
15
12
1200
3.5
20 400
TO-39
MRF5943C
NPN 200
3.4
30
15
11.4 1000
30 400
SO-8
MRF5943, R1, R2 NPN 200
3.4
30
15
15
1300
30 400
TO-72
2N5179
NPN 200
4.5 1.5
6
17
900
1
12
50
TO-72
2N2857
NPN 300
5.5
50
6
13
1600
1
15
40
TO-39
MRF517
NPN 300
7.5
50
15
5.5
4600
3
25 150
TO-72
MRF904
NPN 450
1.5
5
6
11
4000
1
15
30
TO-72
2N6304
NPN 450
5
2
5
14
1400
1
15
50
MACRO T
BFR91
NPN 500
1.9
2
5
11
16.5 5000
1
12
35
MACRO T
BFR96
NPN 500
2
10
10
14.5
500
2.6
15 100
SO-8
MRF5812, R1, R2 NPN 500
2
50
10 15.5 17.8 5000
15 200
MACRO X
MRF581A
NPN 500
2
50
10
14
15
5000
15 200
Macro
BFR90
NPN 500
2.4
2
10
15
18
5000
1
15
30
TO-72
BFY90
NPN 500
2.5
2
5
20
1300
15
50
TO-72
MRF914
NPN 500
2.5
5
10
15
4500
12
40
MACRO X
MRF581
NPN 500
2.5
50
10
15
17.8 5000
16 200
TO-39
MRF586
NPN 500
3
90
15
11
14.5 4500
2.2
17 200
MACRO X
MRF951
NPN 1000 1.3
5
6
14
17
8000 0.45 10 100
MACRO X
MRF571
NPN 1000 1.5
10
6
10
8000
1
10
70
MACRO T
BFR91
NPN 1000 2.5
2
5
8
11
5000
1
12
35
MACRO T
BFR90
NPN 1000
3
2
10
10
12.5 5000
1
15
30
TO-39
MRF545
PNP
14
1400
2
70 400
TO-39
MRF544
NPN
13.5 1500
70 400
RF (LNA / General Purpose) Selection Guide
2
1
2
3
4
3
4
1
4
8
Macro X
Power Macro
Macro T
SO-8
RF Low Power PA, LNA, and General Purpose Discrete Selector Guide
Low Cost RF Plastic Package Options



Html Pages

1 2 3 4 5