| 전자부품 데이터시트 검색엔진 |
|
C310 데이터시트(PDF) 19 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C310 데이터시트(HTML) 19 Page - Coilcraft lnc. |
|
19 / 60 page ![]() www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 19 SWB Pins 1–3 Pins 6–4 SM TH Imp Bandwidth L min DCR max L min DCR max Type part number part number ratio (MHz) (µH) (mOhms) (µH) (mOhms) A SWB1010-SMLD SWB1010-PCL 1:1 0.005 - 100 780 320 780 320 A SWB1010-1-SMLD SWB1010-1-PCL 1:1 0.040 - 175 95 200 95 200 A SWB1015-SMLD SWB1015-PCL 1.5:1 0.100 - 150 80 145 51 130 A SWB1040-SMLD SWB1040-PCL 4:1 0.200 - 300 95 160 25 115 B SWB2010-SMLD SWB2010-PCL 1:1 0.005 - 100 780 320 780 320 B SWB2010-1-SMLD SWB2010-1-PCL 1:1 0.040 - 175 95 200 95 200 B SWB2040-SMLD SWB2040-PCL 4:1 0.200 - 300 95 160 25 115 C SWB3010-SMLD SWB3010-PCL 1:1 0.005 - 100 780 320 780 320 C SWB3010-1-SMLD SWB3010-1-PCL 1:1 0.040 - 175 95 200 95 200 C SWB3015-SMLD SWB3015-PCL 1.5:1 0.100 - 150 80 145 51 130 C SWB3040-SMLD SWB3040-PCL 4:1 0.200 - 300 95 160 25 115 1 2 34 5 6 Type C 1 34 5 6 Type B 1 34 6 Type A Pri Pri Pri Sec Sec Sec A B C D E G F 90 -105 °° A C B D F WB, WBT Pins 4–6 Pins 1–3 SM TH Imp Bandwidth L min DCR max L min DCR max Type part number part number ratio (MHz) (µH) (mOhms) (µH) (mOhms) A WB1-1SLD WB1-1L 1 : 1 0.150 - 500 27 75 27 75 A WB1-6SLD WB1-6L 1 : 1 0.100 - 350 25 100 25 100 A WB1.18-3SLD WB1.18-3L 1 : 1.18 0.040 - 300 90 300 108 330 A WB1.5-6SLD WB1.5-6L 1 : 1.5 0.050 - 325 56 120 84 150 A WB2-1-2WSLD WB2-1-2WL 1 : 2 0.080 - 700 38 100 75 150 A WB2.5-6SLD WB2.5-6L 1 : 2.5 0.080 - 225 30 100 75 130 A WB4-6SLD WB4-6L 1 : 4 0.100 - 125 25 100 100 200 A WB9-1SLD WB9-1L 1 : 9 0.125 - 125 25 100 225 250 A WB16-1SLD WB16-1L 1 : 16 0.050 - 100 56 75 896 330 A WB36-1SLD WB36-1L 1 : 36 0.100 - 45 25 50 900 180 B WB1-1TSLD WB1-1TL 1 : 1 0.100 - 375 25 100 25 100 B WB1-6TSLD WB1-6TL 1 : 1 0.050 - 200 70 150 70 150 B WB2-1TSLD WB2-1TL 1 : 2 0.070 - 400 38 100 75 150 B WB2.5-6TSLD WB2.5-6TL 1 : 2.5 0.050 - 125 56 120 140 200 B WB3-1TSLD WB3-1TL 1 : 3 0.040 - 500 96 110 270 200 B WB4-1HSLD WB4-1HL 1 : 4 0.100 - 500 25 120 100 160 B WB4-6TSLD WB4-6TL 1 : 4 0.050 - 200 43 120 172 160 B WB5-1TSLD WB5-1TL 1 : 5 0.050 - 400 48 220 240 500 B WB8-1TSLD WB8-1TL 1 : 8 0.150 - 400 18 100 144 270 B WB13-1TSLD WB13-1TL 1 : 13 0.150 - 125 17 90 221 200 B WB16-6TSLD WB16-6TL 1 : 16 0.050 - 100 56 75 896 330 C WBT1-6SLD WBT1-6L 1 : 1 0.040 - 200 70 150 70 150 C WBT1.5-1SLD WBT1.5-1L 1 : 1.5 0.040 - 350 48 150 70 180 C WBT2.5-6SLD WBT2.5-6L 1 : 2.5 0.050 - 100 70 150 175 200 C WBT4-1SLD WBT4-1L 1 : 3 0.040 - 150 45 120 135 160 C WBT4-1ASLD WBT4-1AL 1 : 4 0.040 - 350 96 110 384 220 C WBT16-1SLD WBT16-1L 1 : 16 0.100 - 100 25 100 400 300 C WBT25-1SLD WBT25-1L 1 : 25 0.100 - 65 25 100 625 350 Dimensions (inches mm) Series A max B max C max D ref E F G max SM 0.325 8,26 0.285 7,24 0.225 5,72 0.400 10,16 0.520 13,2 0.10 2,5 0.025 0,64 TH 0.325 8,26 0.285 7,24 0.225 5,72 0.300 7,62 0.10 2,5 1 2 3 4 5 6 Type C 1 3 4 5 6 Type B 1 3 4 6 Type A Pri Pri Pri Sec Sec Sec 2 A B C D E G F 90 -105 °° A C B D F Dimensions (inches mm) Series A max B max C max D ref E F G max SM 0.325 8,26 0.285 7,24 0.225 5,72 0.400 10,16 0.520 13,2 0.10 2,5 0.025 0,64 TH 0.325 8,26 0.285 7,24 0.225 5,72 0.300 7,62 0.10 2,5 Dimensions (inches mm) A max B max C max D E F 0.195 4,95 0.150 3,81 0.135 3,43 0.030 0,76 0.040 1,02 0.070 1,78 B A D E C F 1 2 3 4 Pri Sec 1812WBT Insertion Imp Bandwidth Irms loss L/winding Test freq DCR max Isolation Part number ratio (MHz) (mA) (dB) (µH) (MHz) (Ohms) (Vrms) 1812WBT-1LC 1:1 0.340 - 22 200 <1 14 10 4.8 50 1812WBT-2LC 1:1 0.800 - 60 400 <1 5.3 10 1.8 50 1812WBT-3LC 1:1 4 - 200 500 <1 1.25 50 0.7 50 1812WBT-4LC 1:1 11 - 480 700 <1 0.22 50 0.3 50 1812WBT-5LC 1:1 48 - 645 700 <1.5 0.09 50 0.15 50 1812WBT1.5-1LC 1.5:1 1.3 - 100 400 0.5 5.0/3.3 10 1.05/0.87 50 1812WBT1.5-2LC 1.5:1 2.75 - 135 500 0.5 2.5/1.6 10 0.74/0.58 50 1812WBT1.5-3LC 1.5:1 7.2 - 200 500 0.75 1.0/0.6 10 0.43/0.34 50 1812WBT1.5-4LC 1.5:1 38 - 535 700 2.25 0.144/.090 10 0.18/0.14 50 1812WBT2-1LC 2:1 0.800 - 23 200 <1.5 13.80/6.90 10 4.6/3.2 50 1812WBT2-2LC 2:1 2.2 - 65 400 <1.5 5.850/2.925 10 1.25/0.95 50 1812WBT2-3LC 2:1 4 - 105 600 <1.5 2.60/1.30 10 0.52/0.42 50 1812WBT2-4LC 2:1 11 - 200 700 <1.5 0.910/.455 50 0.27/0.23 50 SM/TH Wideband Transformers |