| 전자부품 데이터시트 검색엔진 |
|
ASPI-0403S 데이터시트(PDF) 1 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ASPI-0403S 데이터시트(HTML) 1 Page - Abracon Corporation |
|
|
1 / 1 page ![]() ASPI-0403S SERIES ABRACON IS ABRACON IS ISO 9001 / QS 9000 ISO 9001 / QS 9000 CERTIFIED CERTIFIED ABRACON IS ISO 9001 / QS 9000 CERTIFIED SURFACE MOUNT SHIELDED POWER INDUCTORS ||||||||||||||| 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com Revised: 06.27.07 Visit www.abracon.com for Terms & Conditions of Sale FEATURES: APPLICATIONS: ELECTRICAL SPECIFICATIONS: OUTLINE DRAWING: I R C D % 0 2 ± p L O N T R A P S M R F R S ( ) H μ ( - S 3 0 4 0 - I P S A ) Ω p y T z H M x a M ) A ( x a M 0 5 2 0 . 3 0 4 0 . 0 0 . 1 M 0 R 1 5 2 1 8 . 2 5 4 0 . 0 5 . 1 M 5 R 1 0 2 1 8 . 1 0 5 0 . 0 2 . 2 M 2 R 2 0 2 1 6 . 1 5 5 0 . 0 3 . 3 M 3 R 3 5 0 1 4 . 1 0 6 0 . 0 7 . 4 M 7 R 4 5 6 3 . 1 3 6 0 . 0 6 . 5 M 6 R 5 0 5 2 . 1 5 6 0 . 0 8 . 6 M 8 R 6 8 3 0 . 1 5 7 0 . 0 0 1 M 0 0 1 3 3 8 . 0 0 9 0 . 0 5 1 M 0 5 1 5 2 7 . 0 1 1 . 0 2 2 M 0 2 2 0 2 6 . 0 9 1 . 0 3 3 M 0 3 3 0 2 5 . 0 3 2 . 0 7 4 M 0 7 4 5 1 4 . 0 9 2 . 0 8 6 M 0 8 6 0 1 3 . 0 8 4 . 0 0 0 1 M 1 0 1 9 6 2 . 0 9 5 . 0 0 5 1 M 1 5 1 6 2 2 . 0 7 7 . 0 0 2 2 M 1 2 2 5 0 2 . 0 0 4 . 1 0 3 3 M 1 3 3 4 9 1 . 0 0 8 . 1 0 7 4 M 1 7 4 3 8 1 . 0 0 2 . 2 0 8 6 M 1 8 6 2 5 1 . 0 0 4 . 3 0 0 0 1 M 2 0 1 2 2 1 . 0 0 2 . 4 0 0 5 1 M 2 5 1 2 0 1 . 0 0 5 . 8 0 0 2 2 M 2 2 2 1 8 0 . 0 0 . 1 1 0 0 3 3 M 2 3 3 1 6 0 . 0 9 . 3 1 0 0 7 4 M 2 7 4 1 4 0 . 0 0 . 5 2 0 0 8 6 M 2 8 6 9 . 0 3 0 . 0 0 . 7 2 0 0 2 8 M 2 2 8 8 . 0 2 0 . 0 8 . 2 3 0 0 0 0 1 M 3 0 1 TECHNICAL INFORMATION: • • • • • • • Note: All specifications subject to change without notice. : e r u t a r e p m e t g n it a r e p O ° 5 8 + o t C ° 0 4 - C : s n o it i d n o C t s e T V 1 . 0 , z H K 0 0 1 S M R : g n i k r a M u l a v r o e d o c r o l o c A I Ee : e c n a r e l o t p L % 0 2 ± = M Δ C ° 0 3 T t a x a m e s ir e r u t a r e p m e t I S M R : g n i d n i w o t e r o c n o it a l u s n I M 0 1 Ω n i m : d d A T - l e e r r e p s c p 0 0 0 2 ,l e e R d n a e p a T r o f RoHS Compliant • Very small foot print • Flat-top for pick &place • DC/DC converter • PDA's flash Memory • Step-up, Step-down converters |
유사한 부품 번호 - ASPI-0403S |
|
유사한 설명 - ASPI-0403S |