전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT81 데이터시트(PDF) 5 Page - Bi technologies

부품명 HT81
상세설명  HDSL, HDSL2 Coupling Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BITECH [Bi technologies]
홈페이지  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT81 데이터시트(HTML) 5 Page - Bi technologies

  HT81 Datasheet HTML 1Page - Bi technologies HT81 Datasheet HTML 2Page - Bi technologies HT81 Datasheet HTML 3Page - Bi technologies HT81 Datasheet HTML 4Page - Bi technologies HT81 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6
6-153
Model HT81 Series
HT81
99628
S
Model Series:
HDSL Transformers
Surface Mount Option
Factory Code (Package/Schematic)
ORDERING INFORMATION
PACKAGING
Standard: Plastic Trays
Capacity
Figure 1
=
45 Units
Figures 2 & 3
=
60 Units
.010
0.25
Unless otherwise specified tolerances are:
±
.485
12.32
.605
15.37
.100
2.54
.028
±.002
0.71
±0.05
.394
10.00
.098
2.50
.051
±.002
1.30
±0.05
(10X)
Max.
.516
13.11
Max.
Max.
Max.
Max.
.005/0.13
10 Surfaces
.475
12.07
.530
13.46
HT81-00553
.695
17.65
(10X)
OUTLINE DIMENSIONS (Inch/mm)
Figure 3 – Surface Mount



Html Pages

1 2 3 4 5