전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS6500 데이터시트(PDF) 46 Page - NXP Semiconductors

부품명 FS6500
상세설명  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 데이터시트(HTML) 46 Page - NXP Semiconductors

Back Button FS6500 Datasheet HTML 42Page - NXP Semiconductors FS6500 Datasheet HTML 43Page - NXP Semiconductors FS6500 Datasheet HTML 44Page - NXP Semiconductors FS6500 Datasheet HTML 45Page - NXP Semiconductors FS6500 Datasheet HTML 46Page - NXP Semiconductors FS6500 Datasheet HTML 47Page - NXP Semiconductors FS6500 Datasheet HTML 48Page - NXP Semiconductors FS6500 Datasheet HTML 49Page - NXP Semiconductors FS6500 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
• FLT_ERR_FS = 0/Intermediate = 3; Final = 6 (Figure 22).
• FLT_ERR_FS = 1/Intermediate = 1; Final = 2 (Figure 23).
In any condition, if the RSTB pin is asserted low for a duration longer than eight seconds, the device goes to:
• Deep fail-safe if the DFS function is enabled (SELECT pin connected to ground)
• LPOFF-sleep if the DFS function is disabled (SELECT pin connected to VPRE)
The following faults lead to an increment of the fault error counter and can be configured:
• Watchdog error counter = max value (6 by default)
• VCORE, VCCA, VAUX undervoltage
• VCORE, VCCA, VAUX overvoltage
• FCRBM follows VCORE configuration
• IO_45 error detection (external IC error)
The following faults lead to an increment of the fault error counter and cannot be configured:
• VPRE overvoltage
• Watchdog refresh not OK or watchdog timeout during INIT phase
• SPI DED
• ABIST1, ABIST2 fail
• RSTB short to high (by cascaded effect of FS0B assertion)
• External reset (except reset extension by MCU after reset assertion by the device)
• IO_23 error detection (FCCU)
INCR
INCR
INCR
INCR
INCR
WD Refresh counter = 7 if cfg
WD Refresh counter = 7 if cfg
WD Refresh counter = 7 if cfg
WD Refresh counter = 7 if cfg
WD Refresh counter = 7 if cfg
aaa-037751
1
6
POR |
WU from LPOFF
* Assert FS0 if cfg
* Assert RST if cfg
Turn OFF regulators
* DFS if cfg
INCR = WD error counter = WD_CNT_ERR[1:0] |
WD refresh NOK during INIT_FS |
IO23/45_ERR |
UV/OV/FCRBM |
ABIST1/2 |
RSTB_short_high |
SPI DED |
External Reset |
INCR
WD Refresh counter = 7
WD Refresh counter = 7 if cfg
RSTB assrted for 8 seconds if cfg
2
3
5
4
0
* Assert RST if cfg
* Assert RST if cfg
Figure 22. Fault error counter (FLT_ERR_FS = 0, WD_CNT_RFR = 6)
 
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
46 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More