| 전자부품 데이터시트 검색엔진 |
|
TDA8003TS/C1 데이터시트(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8003TS/C1 데이터시트(HTML) 13 Page - NXP Semiconductors |
|
13 / 24 page ![]() 2000 Apr 20 13 Philips Semiconductors Product specification I2C-bus SIM card interface TDA8003TS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handle Metal Oxide Semiconductor (MOS) devices. THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VDDP power supply voltage −0.5 +6.5 V VDDS signal supply voltage −0.5 +6.5 V VDDI interface signal supply voltage −0.5 +6.5 V Vi(n) input voltage on pins 1, 17, 21 and 24 −0.5 +6.5 V on pins 15, 16, 22 and 23 −0.5 VDDS + 0.5 V on pins 19 and 20 −0.5 +6.5 V on pins 9, 11 and 13 −0.5 VCC + 0.5 V on pin 12 −0.5 +6.5 V on pin 8 −0.5 +7.5 V on pins 2, 4, 6 and 7 −0.5 VVUP + 0.5 V Ii(n) DC input current on pins 1, 17, 19, 20, 21, 22, 23 and 24 −5+5 mA on pin 15 −5 +10 mA Ii/o(n) DC input/output current on pins 2, 4, 6, 7 and 8 −40 +40 mA on pin 16 −5+5 mA Ii/o(17) transient input/output current on pin 17 duration 1 ms −40 +40 mA Ptot continuous total power dissipation Tamb = −40 to +85 °C − 230 mW Tj operating junction temperature − 125 °C Tstg IC storage temperature −55 +150 °C Vesd(n) electrostatic discharge voltage on pins 9, 11, 12, 13 and 16 −6+6 kV on any other pin −2+2 kV SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-a) thermal resistance from junction to ambient in free air 102 K/W |