전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPT-DINAV63LS2AX 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 CPT-DINAV63LS2AX
상세설명  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV63LS2AX 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CPT-DINAV63LS2AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 11Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 12Page - List of Unclassifed Manufacturers CPT-DINAV63LS2AX Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Specifications are subject to change without notice
CPT-DINADS110706
11
CPT-DIN
Wiring diagrams “system type selection: 1”
F= 630 mA T (18 to 60VAC/DC)
125 mA T (90 to 260VAC/DC)
1CT connection
L1
N
L
N
-
+
F
A1A2
L1
L1
24
7
N
L1
1-ph, 2-wire
Fig. 14
Power Supply
L1
N
L
N
-
+
F
A1A2
7
L1
N
L1
L1
24
1-ph, 2-wire
Fig. 13
Direct connection
Power Supply
1CT connection
L1
L2
L3
L
N
-
+
F
A1
A2
7
L1
N
L1
L1
24
N
3-ph, 4-wire, balanced load
Fig. 15
Power Supply
1CT and 1VT/PT connection
L1
L2
N
L3
L
N
-
+
F
A1
A2
7
N
L1
L1
L1
24
3-ph, 4-wire, balanced load
Fig. 16
Power Supply
0-10V
V1
V2
V3
+
V3
V2
V1
+
++
24
6
13
5
R2
R1
24
6
13
5
O2
O1
+
V
V
Vo+
Vo+
GND
GND
Rc
Rc
24
6
13
5
Rc
Rc
V
V
Vo+
Vo+
GND
GND
O2
O1
+
V
V
Vo+
Vo+
GND
GND
Rc
Rc
24
6
13
5
Rc
Rc
V
V
Vo+
Vo+
GND
GND
Outputs
Open collector outputs:
The
load resistance (Rc) must be
calculated so that the closed
contact current is lower than
100mA; the VDC voltage must
be lower than or equal to 30V.
VDC:
power
supply
voltage
(external). Vo+: positive output
contact (open collector transis-
tor). GND: ground output con-
tact (open collector transistor).
DC
DC
DC
DC
Analogue output 0-20mA
Analogue output 0-10V
Relay out.
Fig. 17
Fig. 18
Fig. 19
Fig. 20
Fig. 21
NOTE: the analogue outputs are not insulated among each other.
Output
terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com