전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2985 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LP2985
상세설명  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LP2985 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LP2985_06 Datasheet HTML 3Page - Texas Instruments LP2985_06 Datasheet HTML 4Page - Texas Instruments LP2985_06 Datasheet HTML 5Page - Texas Instruments LP2985_06 Datasheet HTML 6Page - Texas Instruments LP2985_06 Datasheet HTML 7Page - Texas Instruments LP2985_06 Datasheet HTML 8Page - Texas Instruments LP2985_06 Datasheet HTML 9Page - Texas Instruments LP2985_06 Datasheet HTML 10Page - Texas Instruments LP2985_06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
−50
−25
0
25
50
75
100
125
150
VO = 3.3 V
Cbyp = 10 nF
150 mA
50 mA
10 mA
1 mA
Temperature −
°C
3.295
3.305
3.315
3.325
3.335
3.345
−50
−25
0
25
50
75
100
125
150
VI = 4.3 V
VO = 3.3 V
Ci = 1 µF
Co = 4.7 µF
IO = 1 mA
Temperature −
°C
−100
100
300
500
700
Time − ms
VI = 16 V
VO = 3.3 V
Ci = 1 µF
Cbyp = 0.01 µF
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−500
0
500
1000
1500
2000
Time − ms
VI = 6 V
VO = 3.3 V
Ci = 1 µF
Cbyp = 0.01 µF
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522J – JULY 2004 – REVISED AUGUST 2006
C
IN = 1 µF, COUT = 4.7 µF, VIN = VOUT(NOM) + 1 V, TA = 25°C, ON/OFF pin tied to VIN (unless otherwise specified)
OUTPUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
SHORT-CIRCUIT CURRENT
SHORT-CIRCUIT CURRENT
vs
vs
TIME
TIME
Figure 3.
Figure 4.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com