전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HFS4024D2TL 데이터시트(PDF) 2 Page - Hongfa Technology

부품명 HFS4024D2TL
상세설명  SOLID STATE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONGFA [Hongfa Technology]
홈페이지  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS4024D2TL 데이터시트(HTML) 2 Page - Hongfa Technology

  HFS4024D2TL Datasheet HTML 1Page - Hongfa Technology HFS4024D2TL Datasheet HTML 2Page - Hongfa Technology HFS4024D2TL Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JeWZ fem[h
ikffbo
0
9 2
6
Idfkj
lebjW][
8
0
7
Mkjfkj
Idfkj
2
JeWZ
D
8=
/SQRNLGP QOGEJDK ENFG Mdbo \eh if[Y_Wb h[gk_h[c[dji1 [3]3 .:::/ ijWdZi \eh OeHP Yecfb_Wdj
.Bejjec l_[m/
53:
7>37cWn3
6
6837cWn3
75
83:
72
60
8 W
9X
:<01<593 592:<8->5:9
:?>7591 05819=5:9=z A5<593 05-3<-8 -90 ;/ .:-<0 7-C:?>
Mkjb_d[ D_c[di_edi
T_h_d] D_W]hWc
NCB JWoekj
|+? 9 je ;S
}~? >3; je6939S
~*? 6>37 je 7=3=S
HFP95 4
5:
J
:5
~? 7A
+|? :5S
}||? 655S
7 Q2
0?DC
>UOG
5MOSR TNKRDIG
7NDF TNKRDIG HNPL
7NDF ESPPGMR
7NDF TNKRDIG
:SROSR ENLONMGMR
>? QhWdi_ijeh ekjfkj
710 JMFJEDRNP
7? T_j^ JED
5MOSR TNKRDIG HNPL
0?DC
D2
.UUU/
Rd_j? cc
9NRGQ, HFP95 _i Wd [dl_hedc[djWb \h_[dZbo fheZkYj1 fb[Wi[ cWha if[Y_Wb YeZ[ .:::/ m^[d ehZ[h3



Html Pages

1 2 3