전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR110PBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLR110PBF
상세설명  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR110PBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRLR110PBF Datasheet HTML 2Page - International Rectifier IRLR110PBF Datasheet HTML 3Page - International Rectifier IRLR110PBF Datasheet HTML 4Page - International Rectifier IRLR110PBF Datasheet HTML 5Page - International Rectifier IRLR110PBF Datasheet HTML 6Page - International Rectifier IRLR110PBF Datasheet HTML 7Page - International Rectifier IRLR110PBF Datasheet HTML 8Page - International Rectifier IRLR110PBF Datasheet HTML 9Page - International Rectifier IRLR110PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRLR/U110PbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRF U120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN THE AS S EMBLY LINE "A"
AS S EMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRFU120
INT ERNAT IONAL
LOGO
RECT IFIER
LOT CODE
919A
78
Note: "P" in as s embly line
position indicates "Lead-Free"
OR
56
78
AS SEMBLY
LOT CODE
RECTIF IER
LOGO
INT ERNAT IONAL
IRFU120
PART NUMBE R
WE EK 19
DATE CODE
YEAR 9 = 1999
A = ASS EMBLY SIT E CODE
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com