| 전자부품 데이터시트 검색엔진 |
|
E5AX-PRR02 데이터시트(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5AX-PRR02 데이터시트(HTML) 2 Page - Omron Electronics LLC |
|
2 / 14 page ![]() E5AX-P E5AX-P 2 Specifications Ratings Supply voltage 100 to 240 VAC, 50/60 Hz (either frequency applicable with same unit) Operating voltage range 85% to 110% of rated supply voltage Power consumption Approx. 10 VA (at 100 VAC) to 15 VA (at 240 VAC) Approx. 12 VA (at 100 VAC) to 15 VA (at 240 VAC) with communication function Input Thermocouple (K/J/T/E/R/S/L/U) or platinum resistance thermometer (Pt100/JPt100) selectable Potentiometer input 100 W to 2.5 kW Control output Relay output: open, close; SPST-NO contacts; 3 A, 250 VAC (resistive load); inrush current: 1 A max. Control mode PID control with auto-tuning Alarm output Relay output, SPST-NO contacts; 3 A, 250 VAC (resistive load) Setting method Digital setting via Up and Down Keys Indication method Digital indications (character heights PV: 15 mm and SV: 11 mm) (Color PV: red, SV: green) Other functions Upper and lower limits for set value Key protection Input shift Display unit selection (%C/%F) Normal and reverse output selection Valve position display Motor calibration function Watchdog timer function (Detects failures in the CPU and restores the CPU.) Manual output (balanceless-bumpless operation switchable) Communications Protocol RS-232C, RS-422, RS-485 BCD Transmission output Transmission method Half-duplex Data select code 4 to 20 mA DC Load: 600 W max. Resolution: Approx. 3,200 Synchronization method Start-stop synchronization --- --- Baud rate 150/300/600/1,200/2,400/4,800/9,600 bps Transmission code ASCII (7-bit) Communications Write to Temperature Controller Main setting, set alarm value, proportional band, integral time, derivative time, AT start/stop etc. Main setting, set alarm value Write disabled Read from Temperature Controller Main setting, set alarm value, proportional band, integral time, derivative time, set limit value, process value, valve position, error codes, etc. Main setting, set alarm value, process value, error codes, etc. Process value (see note 3), valve position Note: 1. The maximum total cable length must not exceed the following limits. RS-422: 500 m; RS-232C: 15 m; RS-485: 500 m 2. A maximum of 32 Temperature Controllers can be connected to one host computer using serial communications (RS-422, RS-485). 3. Outputs the temperature data within the set limits. |