전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6316 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L6316
상세설명  4-CHANNEL LOW POWER PREAMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6316 데이터시트(HTML) 4 Page - STMicroelectronics

  L6316 Datasheet HTML 1Page - STMicroelectronics L6316 Datasheet HTML 2Page - STMicroelectronics L6316 Datasheet HTML 3Page - STMicroelectronics L6316 Datasheet HTML 4Page - STMicroelectronics L6316 Datasheet HTML 5Page - STMicroelectronics L6316 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L6316
4/6
Table 2. Bump Coordinates (bumps down, from center of die, dimensions in microns).
Note: VREF PAD can be left floating or grounded. DO NOT CONNECT IT ANYWHERE ELSE.
Pin name
X-coord (um)
Y-coord (um)
Pin name
X-coord (um)
Y-coord (um)
HR3Y
471
1140
VREF
-278
-1140
HR3X
775
1140
GND
-482
-1140
HW3Y
141.1
813.7
VEE
-686
-1140
HW3X
141.1
566.7
FLT
-890
-816
HW2X
141.1
362.7
RXW
-890
-612
HW2Y
141.1
115.7
SDATA
-890
-408
HR2Y
686
102
RDY
-890
-204
HR2X
890
252
RDX
-890
0
HR1X
890
-252
SCLK
-890
204
HR1Y
686
-102
WDX
-890
408
HW1Y
141.1
-115.7
WDY
-890
612
HW1X
141.1
-362.7
SDEN
-890
816
HW0X
141.1
-566.7
TFI
-686
1140
HW0Y
141.1
-813.7
VEE
-482
1140
HR0X
775
-1140
GND
-278
1140
HR0Y
471
-1140
VCC
-74
1140
VCC
-74
-1140
-
-
-



Html Pages

1 2 3 4 5 6