전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8366 데이터시트(PDF) 41 Page - NXP Semiconductors

부품명 TDA8366
상세설명  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 데이터시트(HTML) 41 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 37Page - NXP Semiconductors TDA8366 Datasheet HTML 38Page - NXP Semiconductors TDA8366 Datasheet HTML 39Page - NXP Semiconductors TDA8366 Datasheet HTML 40Page - NXP Semiconductors TDA8366 Datasheet HTML 41Page - NXP Semiconductors TDA8366 Datasheet HTML 42Page - NXP Semiconductors TDA8366 Datasheet HTML 43Page - NXP Semiconductors TDA8366 Datasheet HTML 44Page - NXP Semiconductors TDA8366 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
January 1995
41
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
PACKAGE OUTLINES
handbook, full pagewidth
1
27
26
1.3 max
14.1
13.7
47.92
47.02
4.57
max
5.08
max
0.51
min
3.2
2.8
0.18 M
0.53
max
1.778
(25x)
1.73
max
15.80
15.24
0.32 max
15.24
17.15
15.90
MSA267
52
Fig.23 Plastic shrink dual in-line package; 52 leads (600 mil) SDIP52; SOT247-1.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48