전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM124D/DT 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 LM124D/DT
상세설명  Low power quad operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM124D/DT 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button LM124D/DT Datasheet HTML 11Page - STMicroelectronics LM124D/DT Datasheet HTML 12Page - STMicroelectronics LM124D/DT Datasheet HTML 13Page - STMicroelectronics LM124D/DT Datasheet HTML 14Page - STMicroelectronics LM124D/DT Datasheet HTML 15Page - STMicroelectronics LM124D/DT Datasheet HTML 16Page - STMicroelectronics LM124D/DT Datasheet HTML 17Page - STMicroelectronics LM124D/DT Datasheet HTML 18Page - STMicroelectronics LM124D/DT Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
LM124-LM224-LM324
Package information
15/19
6.1
DIP14 package
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19