| 전자부품 데이터시트 검색엔진 |
|
24C00-/ST 데이터시트(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24C00-/ST 데이터시트(HTML) 13 Page - Microchip Technology |
|
13 / 22 page ![]() 2004 Microchip Technology Inc. DS21226E-page 13 24LCS61/24LCS62 8.0 READ OPERATIONS Read operations are initiated in a similar way as the write operations. There are three basic types of read operations: current address read, random read, and sequential read. 8.1 Current Address Read The 24LCS61/62 contains an address counter that maintains the address of the last word accessed, internally incremented by one. Therefore, if the previous read access was to address n, the next current address read operation would access data from address n + 1. Upon receipt of the correct control byte and ID byte, the 24LCS61/62 issues an acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer but does generate a Stop condition and the 24LCS61/62 discontinues transmission (Figure 8-1). 8.2 Random Read Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, first the word address must be set. This is done by sending the word address to the 24LCS61/62 as part of a write operation. After the ID byte and word address are sent, the master generates a Start condition following the acknowledge. This terminates the write operation, but not before the internal address pointer is set. Then the master sends the control byte and ID byte for a Read command. The 24LCS61/62 will then issue an acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer but does generate a Stop condition and the 24LCS61/62 discontinues transmission (Figure 8-2). 8.3 Sequential Read Sequential reads are initiated in the same way as a random read except that after the 24LCS61/62 trans- mits the first data byte, the master issues an acknowl- edge as opposed to a Stop condition in a random read. This directs the 24LCS61/62 to transmit the next sequentially addressed 8-bit word (Figure 8-3). To provide sequential reads the 24LCS61/62 contains an internal address pointer which is incremented by one at the completion of each operation. This address pointer allows the entire memory contents to be serially read during one operation. The internal address pointer will automatically roll over from address 7Fh (24LCS51) or FFh (24LCS62) to address 00h. FIGURE 8-1: CURRENT ADDRESS READ BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY P S S T O P CONTROL BYTE S T A R T DATA A C K A C K DEVICE ID BYTE N O A C K 1 0 10 O 00 1 E OE Bit = EDS Pin Output Enable; see Section 9.0 “External Device Select (EDS) Pin and Output Enable (OE) Bit” |